Part Number Hot Search : 
00020 02000 AN1406D 32900 GREEN GS81032A 2A1220 SI534
Product Description
Full Text Search
 

To Download 05E3L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount super fast rectifier voltage range 50 to 400 volts current 0.5 ampere rectron semiconductor technical specification features * high reliability * low leakage * low forward voltage * high current capability * super fast switching speed * high surge capability * good for switching mode circuit maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. electrical characteristics (at t a = 25 o c unless otherwise noted) 05e1l thru 05e6l sod-123fl maximum ratings (at t a = 25 o c unless otherwise noted) notes : 1. test conditions: i f =0.5a, i r =-1.0a, i rr =-0.25a. 2. measured at 1 mh z and applied reverse voltage of 4.0 volts. dimensions in inches and (millimeters) mechanical data * case: molded plastic * epoxy: device has ul flammability classification 94v-o * lead: mil-std-202e method 208c guaranteed * mounting position: any * weight: 0.016 gram 2006-3 rev:o ratings maximum recurrent peak reverse voltage maximum rms volts maximum dc blocking voltage maximum average forward current at t a = 55 o c peak forward surge current i fm (surge):8.3 ms single half sine-wave superimposed on rated load (jedec method) typical junction capacitance (note 2) operating and storage temperature range symbol v rrm v dc i o i fsm c j t j , t stg v rms volts volts volts amps 0.5 15 12 -55 to + 150 amps pf 0 c units 05e1l 05e4l 05e2l 05e5l 05e6l 05E3L 50 200 100 300 400 150 35 140 70 210 280 105 50 200 100 300 400 150 14 at rated dc blocking voltage characteristics maximum reverse recovery time (note 1) v f symbol i r trr units 0.95 5.0 uamps nsec maximum dc reverse current maximum forward voltage at 0.5a dc volts @t a = 25 o c @t a =100 o c 05e1l 05e4l 05e2l 05e5l 05e6l 05E3L 1.25 100 35 3.?fully rohs compliant?, ?100% sn plating (pb-free)?. .150 (3.8) .142 (3.6) . 035 (0.90) . 028 (0.70) .039 (1.00 ) .035 (0.9 0) .077 (1.95 ) .069 (1.75 ) .030 (0.75) .022 (0.55) . 008 (0.20) .114 (2.9) .106 (2.7)
rectron rating and characteristic curves ( 05e1l thru 05e6l ) fig. 6 - typical junction capacitance junction capacitance, (pf) reverse voltage, ( v ) 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 05e1l~05e4l 05e5l~05e6l t j = 25 fig. 1 - test circuit diagram and reverse recovery time characteristic 50 noninductive 10 noninductive d.u.t 25 vdc (approx) ( - ) (-) ( + ) ( + ) 1 non- inductive oscilloscope (note 1) pulse generator (note 2) notes: 1 rise time = 7ns max. input impedance = 1 megohm. 22pf. 2. rise time = 10ns max. source impedance = 50 ohms. trr +0.5a 0 -0.25a -1.0a 1cm set time base for 10 ns/cm fig. 2 - typical forward current derating curve average forward curent, (a) ambient temperature ( ) 1.0 0.5 0 25 50 75 100 125 150 175 0 single phase half wave 60hz resistive or inductive load fig. 3 - typical reverse characteristics instantaneous reverse current, (ua) percent of rated peak reverse voltage, (%) t j = 25 t j = 100 t j = 150 100 10 1.0 .1 .01 40 0 20 60 80 100 120 140 fig. 5 - maximum non-repetitive forward surge current peak forward surge current, (a) number of cycles at 60hz 25 20 15 12 9 6 3 0 1 2 5 10 20 50 100 8.3ms single half sine-wave (jedec method) fig. 4 - typical instantaneous forward instantaneous forward current, (a) instantaneous forward voltage, (v) 0 .2 .4 .6 .8 1.0 1.2 1.4 .001 .01 .1 1.0 10 05e1l~05e4l 05e5l~05e6l pulse width = 300us 1% duty cycle t j = 25 characteristics
mounting pad layout rectron dimensions in inches and (millimeters) 0.029 min . (0.73 min .) 0.150 0.014 min. (0.36 min.) (3.80) ref


▲Up To Search▲   

 
Price & Availability of 05E3L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X